Part Number Hot Search : 
ACTR30 DB301 ADG202 MK325B 75H60 GS101 2A165 84C10
Product Description
Full Text Search
 

To Download TQ3632 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WIRELESS COMMUNICATIONS DIVISION
TQ3632
C2
Control Logic C2
L1
DATA SHEET
VDD
GND
GND
Low Current, 3V PCS Band CDMA LNA IC
RF IN LNA gnd
RF 50 ohm OUT RF Out Control Logic
C3
Features
Small size: SOT23-8 Single 3V operation Low-current operation
Product Description
The TQ3632 is a low current, 3V, RF LNA IC designed specifically for PCS band CDMA applications. It's RF performance meets the requirements of products designed to the IS-95 specifications. The TQ3632 is designed to be used with the TQ5631 or TQ5633 (CDMA mixer) which provides a complete CDMA receiver for 1900MHz phones. The LNA incorporates on-chip switches which determine high, low and bypass mode select. When used with the TQ5631 or TQ5633 (CDMA RFA/mixer), four gain steps are available for use which provide low current/high IP3 and gain. The RF output port is internally matched to 50 , greatly simplifying the design and minimizing the number of external components. The TQ3632 achieves excellent RF performance with low current consumption, supporting long standby and talk times in portable applications. Coupled with the very small SOT23-8 package, the part is ideally suited for PCS band mobile phones. Electrical Specifications1
Parameter Frequency Gain Noise Figure Input 3rd Order Intercept DC supply Current Min Typ 1960 12.5 1.5 7.0 7.5 Max Units MHz dB dB dBm mA
Gain Select High IP3 performance Few external components
Applications
IS-95 CDMA PCS Mobile Phones
Note 1: Test Conditions: Vdd=2.8V, RF=1960MHz, Tc=25C, CDMA High Gain state.
For additional information and latest specifications, see our website: www.triquint.com
1
TQ3632 Data Sheet
Electrical Characteristics
Parameter RF Frequency Conditions PCS band Min. 1810 Typ/Nom 1960 Max. 1990 Units MHz
CDMA Mode-High Gain
Gain Noise Figure Input IP3 Input Return Loss (with external matching) Output Return Loss Supply Current 5.0 10 10 7.5 9.5 10.5 12.5 1.5 7.0 1.9 dB dB dBm dB dB mA
CDMA Mode-High Gain-Low Linearity
Gain Noise Figure Input IP3 Input Return Loss (with external matching) Output Return Loss Supply Current 2.0 10 10 4.5 6.5 8.5 11.0 1.8 4.0 dB dB dBm dB dB mA
Bypass Mode
Gain Noise Figure Input IP3 Input Return Loss (with external matching) Output Return Loss Supply Current Supply Voltage
Note 1: Test Conditions: Vdd=2.8V, RF=1960MHz, TC = 25 C, unless otherwise specified. Note 2: Min/Max limits are at +25C case temperature, unless otherwise specified.
-3.0 20.0 10 10
-2.0 2.0 25.0
-1.0 3.0
dB dB dBm dB dB
1.0 2.7 2.8
2.5 3.3
mA V
Absolute Maximum Ratings
Parameter DC Power Supply Power Dissipation Operating Temperature Storage Temperature Signal level on inputs/outputs Voltage to any non supply pin Value 5.0 500 -40 to 85 -60 to 150 +20 +0.3 Units V mW C C dBm V
2
For additional information and latest specifications, see our website: www.triquint.com
TQ3632 Data Sheet
Typical Performance
Test Conditions, unless Otherwise Specified: Vdd=2.8V, Tc=25C, RF=1960MHz
CDMA High Gain Mode Gain v Freq v Temp 15.0 14.5 14.0 13.5 13.0 12.5 12.0 11.5 11.0 10.5 10.0 1920
-30C +25C +85C
CDMA High Gain Mode Idd v Vdd v Temp 9.00 8.50 8.00 7.50 7.00 6.50 6.00 5.50 5.00 4.50 4.00 2.5 2.7 2.9 Vdd (V) 3.1 3.3
Gain (dB)
Idd (mA)
-30C +25C +85C
1940
1960 Frequency (MHz)
1980
2000
3.5
CDMA High Gain Mode IIP3 v Freq v Temp 10.0 9.5 IIP3 (dBm) Gain (dB) 9.0 8.5 8.0 7.5 7.0 1920
-30C +25C +85C
High Gain/Low Linearity Mode Gain v Freq v Temp 14.0 13.5 13.0 12.5 12.0 11.5 11.0 10.5 10.0 9.5 9.0 1920
-30C +25C +85C
1940
1960 Frequency (MHz)
1980
2000
1940
1960 Frequency (MHz)
1980
2000
CDMA High Gain Mode Noise Figure v Freq v Temp 2.00 1.80 1.60 1.40 1.20 1.00 0.80 0.60 0.40 0.20 0.00 1920 7.0 6.5 6.0 IIP3 (dBm) 5.5 5.0 4.5 4.0 3.5 2000 3.0 1920
High Gain/Low Linearity Mode IIP3 v Freq v Temp
Noise Figure (dB)
-30C +25C +85C
-30C +25C +85C
1940
1960 Frequency (MHz)
1980
1940
1960 Frequency (MHz)
1980
2000
For additional information and latest specifications, see our website: www.triquint.com
3
TQ3632 Data Sheet
High Gain/Low Linearity Mode Noise Figure v Freq v Temp 2.50 2.00 1.50 1.00 0.50 0.00 1920
-30C +25C +85C
BYPASS Mode IIP3 v Freq v Temp 38.0 37.0 36.0 IIP3 (dBm) 35.0 34.0 33.0 32.0 31.0 2000 30.0 1920 1940 1960 Frequency (MHz) 1980
-30C +25C +85C
Noise Figure (dB)
1940
1960 Frequency (MHz)
1980
2000
High Gain/Low Linearity Mode Idd v Vdd v Temp 6.00 5.50 5.00 Idd (mA) 4.50 4.00 3.50 3.00 2.5 2.7 2.9 Vdd (V) 3.1 3.3 3.5
-30C +25C +85C
BYPASS Mode Noise Figure v Freq v Temp 3.00 2.50 Noise Figure (dB) 2.00 1.50 1.00 0.50 0.00 1920 1940 1960 Frequency (MHz) 1980
-30C +25C +85C
2000
BYPASS Mode Gain v Freq v Temp 0.0 -0.5 Gain (dB) Idd (mA) -1.0 -1.5 -2.0 -2.5 -3.0 1920 1940 1960 Frequency (MHz) 1980
-30C +25C +85C
BYPASS Mode Idd v Vdd v Temp 1.60 1.40 1.20 1.00 0.80 0.60 0.40 0.20 0.00 2000 2.5 2.7 2.9 Vdd (V) 3.1 3.3 3.5
-30C +25C +85C
4
For additional information and latest specifications, see our website: www.triquint.com
TQ3632 Data Sheet
Application/Test Circuit
Vdd R1 Control Logic
C2 Vdd
C7
GND
(paddle)
GND
LNA input C8
L1
RF in
RF out C3
LNA output Control Logic
Lbrd
LNA GND
Bill of Material for TQ3632 LNA Application/Test Circuit
Component Receiver IC Capacitor Capacitor Resistor Inductor Inductor Reference Designator U1 C7 C8 R1 L1 Lbrd Part Number TQ3631 4.7pF 1.5pF 3.3 4.7nH See application note Value Size SOT23-8 0402 0402 0402 0402 Panasonic Manufacturer TriQuint Semiconductor
For additional information and latest specifications, see our website: www.triquint.com
5
TQ3632 Data Sheet
TQ3632 Product Description
The TQ3632 LNA uses a cascode low noise amplifier along with signal path switching. A bias control circuit sets the quiescent current for each mode and ensures peak performance over process and temperature, see Figure 1. In the application, CMOS level signals are applied to pins 1 and 5 and are decoded by an internal logic circuit, this sets the device to the desired mode. See Table 1 for truth table. In the high gain mode, switches S1, S2, and S5 are closed, with switches S3 and S4 open. In the bypass mode, switches S1, S2, and S5 are open, with switches S3 and S4 closed. Six internal switches ensures there are no parasitic feedback paths for the RF signal. In the AMPS mode, control logic switches the LNA into a low current bias condition. Only three external components are needed. The chip uses an external cap and inductor for the input match to pin 3. The output is internally matched to 50 ohms at pin 6. A Vdd bypass cap is required close to pin 8. External degeneration of the cascode is required between pin 4 and ground. However, a small amount of PC board trace can be used as the inductor. Alternatively, if an extra component can be tolerated, a small value chip inductor could be used. See Figure 2.
VDD
Operation
MODE High Gain C2 0 1 High Gain Low linearity Bypass 1 1 -2(dB) 0 C3 0 0 1 11(dB) Typical Gain 13(dB)
Table 1 LNA States and Control Bits
LNA Input Network Design
Input network design for most LNA's is a straightforward compromise between noise figure and gain. The TQ3632 is no exception, even though it has 3 different modes. The device was designed so that one only needs to optimize the input match in the high gain mode. As long as the proper grounding and source inductance are used, the other two modes will perform well with the same match. It is probably wise to synthesize the matching network component values for some intermediate range of Gamma values, and then by experimentation, find the one which provides the best compromise between noise figure and gain. The quality of the chip ground will have some effect on the match, which is why some experimentation will likely be needed. The input match will affect the output match to some degree, so S22 should be monitored. The values used on our evaluation board may be used as a starting point.
Control Logic C2
VDD
R1 8
1
Bias and Switch Control Logic
C7 2
GND
7
GND
LNA IN
L1
S6
3
S1
6
S2
LNA OUT
Noise Parameter Analysis
A noise parameter analysis is shown on the next page for the high gain and high gain low linearity modes. A "nominal" device was mounted directly on a standard evaluation board without a matching network (thru connected). The input reference plane was set at pin 3 and board loss was included in the calculations. C7 was set to 4.7pF.
RFIN
RF OUT
C8 4 Lbrd
DC GND
S3 S5
S4
5
Control Logic C3
Figure 1 TQ3632 Simplified Schematic
6
For additional information and latest specifications, see our website: www.triquint.com
TQ3632 Data Sheet
Gamma Opt analysis for TQ3632 High Gain Mode
Gain Control via Pin 4 Inductance
The source connection of the LNA cascode is brought out separately through pin 4. That allows the designer to make some range of gain adjustment. The total amount of inductance present at the source of the cascode is equal to the bond wire plus package plus external inductance. One should generally use an external inductance such that gain in the high gain CDMA mode = 13.0dB. Although it is possible to increase the gain of the TQ3632 by using little or no degeneration, input intercept will be degraded. Figure 2 shows how a spiral PC board trace can be used as the external inductance. It is suggested that such a circuit be used for the initial design prototype. Then the optimum inductance can be found by simply solder bridging across the inductor. The final PC board design can then include the proper shorted version of the inductor.
Freq. (MHz) 1800 1960 2040
Opt 0.454 0.390 0.354
Angle 70.5 84.8 87.3
Fmin (dB) 1.534 1.209 1.369
R noise 29.27 18.47 16.94
Gamma Opt analysis for TQ3632 High Gain Low Linearity Mode
Figure 2 Showing Lbrd and Grounding on Evaluation Board
Selection of the Vdd Bypass Cap for Optimum Performance
The Vdd bypass capacitor has the largest effect on the LNA Freq. (MHz) 1800 1960 2040 Opt 0.454 0.390 0.354 Angle 70.5 84.8 87.3 Fmin (dB) 1.534 1.209 1.369 R noise 29.27 18.47 16.94 output match, and is required for proper operation. Because the input match affects the output match to some degree as well, the process of picking the bypass cap value involves some iteration. First, an input match is selected which gives adequate gain and noise figure. Then the bypass capacitor is varied to
For additional information and latest specifications, see our website: www.triquint.com
7
TQ3632 Data Sheet
give the best output match. The demo board achieves 11-12dB of return loss which is adequate for connection directly to the input of a SAW filter.
Grounding
An optimal ground for the device is important in order to achieve datasheet specified performance. Symptoms of a poor ground include reduced gain and the inability to achieve <2:1 VSWR at the output when the input is matched. It is recommended to use multiple vias to a mid ground plane layer. The vias at pins 2 and 7 to this layer should be as close to the lead pads as possible Additionally, the ground return on the Vdd bypass cap should provide minimal inductance back to chip pins 2 and 7.
TQ3632 S-Parameters
Following are S-Parameter graphs for the high gain and high gain low linearity modes. Data was taken on a single "nominal" device at 2.8v Vdd. The reference planes were set at the end of the package pins.
TQ3632 High Gain Mode S-Parameters S12
TQ3632 High Gain Mode S-Parameters S21
TQ3632 High Gain Mode S-Paremeters S11
8
For additional information and latest specifications, see our website: www.triquint.com
TQ3632 Data Sheet
TQ3632 High Gain Mode S-Parameters S22
TQ3632 High Gain Low Linearity Mode S-Parameters S21
TQ3632 High Gain Low Linearity Mode S Parameters S11
TQ3632 High Gain Low Linearity Mode S-Parameters S12
For additional information and latest specifications, see our website: www.triquint.com
9
TQ3632 Data Sheet
TQ3632 High Gain Low Linearity Mode S-Parameters S22
10
For additional information and latest specifications, see our website: www.triquint.com
TQ3632 Data Sheet
Package Pinout
C2
Control Logic C2
L1
VDD
GND
GND
RF IN
RF 50 ohm OUT RF Out Control Logic
GND
C3
Pin Descriptions
Pin Name C2 GND RF IN DC GND C3 RF OUT GND Vdd Pin # 1 2 3 4 5 6 7 8 Description and Usage Control logic 2 Ground, paddle RF input, off-chip matching required Source of input FET Control logic 3 RF output, no matching required Ground LNA Vdd, typical 2.8V, C2 capacitor required
For additional information and latest specifications, see our website: www.triquint.com
11
TQ3632 Data Sheet
Package Type: SOT23-8 Plastic Package
Note 1
PIN 1 FUSED LEAD
b A c
E E1
Note 2
DIE
e
DESIGNATION A A1 b c D e E E1 L Theta
A1
L
METRIC 1.20 +/-.25 mm .100 +/-.05 mm .365 mm TYP .127 mm TYP 2.90 +/-.10 mm .65 mm TYP 2.80 +/-.20 mm 1.60 +/-.10 mm .45 +/-.10 mm 1.5 +/-1.5 DEG
ENGLISH 0.05 +/-.250 in .004 +/-.002 in .014 in .005 in .114 +/-.004 in .026 in .110 +/-.008 in .063 +/-.004 in .018 +/-.004 in 1.5 +/-1.5 DEG NOTE 3 3 3 3 1,3 3 3 2,3 3
DESCRIPTION OVERALL HEIGHT STANDOFF LEAD WIDTH LEAD THICKNESS PACKAGE LENGTH LEAD PITCH LEAD TIP SPAN PACKAGE WIDTH FOOT LENGTH FOOT ANGLE
Notes 1. The package length dimension includes allowance for mold mismatch and flashing. 2. The package width dimension includes allowance for mold mismatch and flashing. 3. Primary dimensions are in metric millimeters. The English equivalents are calculated and subject to rounding error.
Additional Information
For latest specifications, additional product information, worldwide sales and distribution locations, and information about TriQuint: Web: www.triquint.com Email: info_wireless@tqs.com Tel: (503) 615-9000 Fax: (503) 615-8900
For technical questions and additional information on specific applications: Email: info_wireless@tqs.com
The information provided herein is believed to be reliable; TriQuint assumes no liability for inaccuracies or omissions. TriQuint assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. TriQuint does not authorize or warrant any TriQuint product for use in life-support devices and/or systems. Copyright (c) 2000 TriQuint Semiconductor, Inc. All rights reserved. Revision A, April, 2000
12
For additional information and latest specifications, see our website: www.triquint.com


▲Up To Search▲   

 
Price & Availability of TQ3632

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X